Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Control head for decentralised automation of ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 8691
3 | 14
Visit product website 
1.
General technical data
1.1. Control head Type 8691
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 8.
Material
Body
PPS, stainless steel
Seal
EPDM
Cover
PC
Operation
Operating keys
2
Service interface
Connected to PC via USB connection
Configuration tool
Bürkert Communicator
Commissioning
Setting valve end position
Through automatic or manual teach function
Manual operation of pilot valve
Yes
Status display
Display of device and valve status
High-power LEDs (colours individually adjustable)
Communication
Fieldbus
AS-Interface, IO-Link
Digital
Bürkert system bus (büS) (based on CANopen)
Performance data
Functional overview
Further information can be found in chapter “1.6. Functional overview Type 8691" on page 6.
Position sensor
Analogue position sensor
Inductive (contactless) with self-adjusting switching points (PNP) (NPN on request)
Stroke range for linear actuator
Valve spindle
2.5…45 mm
Electrical data
Electrical connection
Multipole version
M12, 8-pin resp. 4- or 5-pin according to device version
(see “5. Device/Process connections” on page 9)
Cable gland version
M16 × 1.5 (terminal range 5…10 mm)
With screw terminals for cable cross sections 0.14…1.5 mm²
Pneumatic data
Control medium
Neutral gases, air, quality class according to ISO 8573 - 1
Dust content
Class 7 (< 40 µm particle size)
Particle density
Class 5 (< 10 mg/m3)
Pressure dew point
Class 3 (<- 20 °C)
Oil content
Class X (< 25 mg/m3)
Air supply filter
Exchangeable
Mesh size
~0.1 mm
Supply pressure
3…7 bar 1.)
Pilot air port
Threaded connection G ⅛, stainless steel
Positioning system
Circuit function
Single and double-acting
Air capacity
250 l
N/min (for aeration and ventilation)
(Q
Nn value according to definition at pressure drop from 7 to 6 bar abs)
Actuator series/size
Type 21xx, actuator Ø 70/90/130/225 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com