Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Control head for decentralised automation of ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Type 8691
5 | 14
Visit product website 
1.3. With fieldbus communication: AS-Interface
Product properties
Profile
S-B.A.E (AB slave, max. 62 slaves/master), certificate no. 136701 according to specification v3.0
Electrical data
Operating voltage
Via ASi power supply 29.5…31.6 V DC (according to specification), UL: NEC Class 2
Protection class
III according to DIN EN 61140
Power consumption
Max. current consumption
110 mA
Unit with additional actuator supply
(AUX Power)
External power supply 24 V DC ± 10 % (the power supply unit must contain one secured
disconnection according to IEC 364 - 4 - 41 (PELV or SELV))
System supply
Max. 110 mA without additional actuator supply (AUX Power), with pilot valve.
Max. 60 mA with additional actuator supply or without pilot valve
Actuator supply
Max. 50 mA with additional actuator supply
Electrical connection
M12, 4-pin
Output
Contact rating pilot valve
Approx. 0.8 W
Watchdog function
Integrated
1.4. With digital communication: IO-Link
Electrical data
Electrical connection
M12 x 1, 5-pin, A-coded
IO-Link revision
1.1
SIO-Mode
Nein
VendorID
0x0078, 120
DeviceID
See IODD file (the IODD file can be downloaded from our website Type 8691 , see Software >
Device Description Files)
Transmission rate
230.4 kbit/s
Data storage
Yes
Maximum cable length
20 m
Port class
A and B
Power supply
Via IO-Link
Port Class A
Operating voltage
24 V DC ± 25 % (according to specification)
System supply
Max. 150 mA with pilot valve
Max. 100 mA without pilot valve
Port Class B
Operating voltage
System supply (Pin 1 + 3)
24 V DC ± 25 % (according to specification)
Actuator supply (Pin 2 + 5)
24 V DC ± 25 % (according to specification)
Current consumption
System supply (Pin 1 + 3)
Max. 100 mA
Actuator supply (Pin 2 + 5)
Max. 50 mA
1.5. With digital communication: Bürkert system bus (büS)
Electrical data
Operating voltage
18…30 V DC (according to specification)
Electrical connection
M12 × 1, 5-pin, A-coded
Current consumption
Max. 120 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com