Electronic Components Datasheet Search
  English  ▼

X  

8741 Datasheet(PDF) 18 Page - Christian Bürkert GmbH & Co. KG

Part # 8741
Description  Mass flow controller (MFC)/mass flow meter (MFM) for gases
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8741 Datasheet(HTML) 18 Page - Christian Bürkert GmbH & Co. KG

Back Button 8741 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Type 8741
18 | 24
Visit product website 
5.
Device / Process connections
5.1. büS/CANopen
Terminal block, 4-pin
Pin
Assignment
1
2
3
4
1
DGND
2
CAN_L
3
CAN_H
4
24 V
Screw M3
Functional earth
When using Bürkert büS cables, the following colour coding
applies:
• Red: 24 V
• Blue: CAN_L
• White: CAN_H
• Black: GND
5.2. Industrial Ethernet
Terminal block, 3-pin
Pin
Assignment
1
2
3
1
FE (functional earth)
2
DGND
3
24 V
RJ45 socket
Pin
Assignment
8
7
6
5
4
3
2
1
1
TX +
2
TX –
3
RX +
4
Not connected
5
Not connected
6
RX –
7
Not connected
8
Not connected
Housing Shielding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com