Electronic Components Datasheet Search
  English  ▼

X  

00772421 Datasheet(PDF) 22 Page - Christian Bürkert GmbH & Co. KG

Part # 00772421
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772421 Datasheet(HTML) 22 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772421 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Type büS
Detailed project plan 2
22
8.1.3
Mixed network
Junction box
Device 3
Device 4
Device 5
Device 6
Device 7
0.5 m
1 m
10 m
1 m
5 m
1 m
5 m
1 m
3 m
10 m
5 m
Termination resistor
Diagnostics
TR
TR
TR
Y
Y
Y
0.5 m
0.5 m
0.5 m
Fig. 21: Mixed network
For good signal quality, it is important to determine the longest distance between two devices in the entire
network. Place the termination resistors close to these devices. This helps to reduce the signal reflections.
Please do not exceed the maximum stub line length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com