Electronic Components Datasheet Search
  English  ▼

X  

00772421 Datasheet(PDF) 23 Page - Christian Bürkert GmbH & Co. KG

Part # 00772421
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772421 Datasheet(HTML) 23 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772421 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 00772421 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Type büS
Network power supply
23
9
NETWORK POWER SUPPLY
9.1
Power segments
Calculate the overall power consumption of all the devices in the network. Build power segments with a
maximum load of 100 W. This refers to the M12 connector (A-coded). This component has a current limit of
approx. 4 A.
9.1.1
One power segment
In a network with one power supply, overall power consumption is limited to 100 W.
1 m
0.3 m
5 m
0.2 m
Termination resistor
TR
TR
TR
TR
PS
PS
Power supply
max. 100 W
Y
Y
Y
0.2 m
0.5 m
Fig. 22: One power segment
9.1.2
Additional power supply
For higher power consumption, use additional power supplies and Y-connectors with interrupt to utilise
power from a second power supply.
1 m
0.3 m
5 m
0.2 m
Y
Termination resistor
TR
TR
TR
TR
PS
PS
Power supply
max. 100 W
1 m
2 m
5 m
0.5 m
0.5 m
0.5 m
max. 100 W
Y
Y
Y
Y-connector with interrupt
Y
Y
Y
Y
Y
1 m
1 m
0.5 m
0.5 m
0.2 m
Fig. 23: Additional power supply
9.2
Rule of thumb
The rule of thumb is that 1 W load per metre results in a voltage drop of 1 mV. A maximum voltage drop of
5 V is allowed. Some devices will shut down if the supply voltage is lower than 19 V. Therefore, refer to the
respective data sheet for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com