Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT573DBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT573DBR
Description  SNx4ACT573 Octal D-Type Transparent Latches With 3-State Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT573DBR Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT573DBR Datasheet HTML 1Page - Texas Instruments SN74ACT573DBR Datasheet HTML 2Page - Texas Instruments SN74ACT573DBR Datasheet HTML 3Page - Texas Instruments SN74ACT573DBR Datasheet HTML 4Page - Texas Instruments SN74ACT573DBR Datasheet HTML 5Page - Texas Instruments SN74ACT573DBR Datasheet HTML 6Page - Texas Instruments SN74ACT573DBR Datasheet HTML 7Page - Texas Instruments SN74ACT573DBR Datasheet HTML 8Page - Texas Instruments SN74ACT573DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
4 Pin Configuration and Functions
Figure 4-1. SN54ACT573 J or W Package,
SN74ACT573 DB, DW, N, NS, or PW Package (Top
View)
Thermal
Pad
2
1D
3
2D
4
3D
5
4D
6
5D
7
6D
8
7D
9
8D
12
8Q
13
7Q
14
6Q
15
5Q
16
4Q
17
3Q
18
2Q
19
1Q
Not to scale
Figure 4-2. SNx4ACT573 RKS Package, 20-Pin
VQFN (Top View)
Figure 4-3. SN54ACT573 FK Package, 20-Pin LCCC (Top View)
www.ti.com
SN54ACT573, SN74ACT573
SCAS538G – OCTOBER 1995 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54ACT573 SN74ACT573



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com