Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT573DBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT573DBR
Description  SNx4ACT573 Octal D-Type Transparent Latches With 3-State Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT573DBR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT573DBR Datasheet HTML 1Page - Texas Instruments SN74ACT573DBR Datasheet HTML 2Page - Texas Instruments SN74ACT573DBR Datasheet HTML 3Page - Texas Instruments SN74ACT573DBR Datasheet HTML 4Page - Texas Instruments SN74ACT573DBR Datasheet HTML 5Page - Texas Instruments SN74ACT573DBR Datasheet HTML 6Page - Texas Instruments SN74ACT573DBR Datasheet HTML 7Page - Texas Instruments SN74ACT573DBR Datasheet HTML 8Page - Texas Instruments SN74ACT573DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
SNx4ACT573 Octal D-Type Transparent Latches With 3-State Outputs
1 Features
• Operation of 4.5V to 5.5V VCC
• Inputs accept voltages to 5.5V
• Maximum tpd of 9.5ns at 5V
• Inputs are TTL-voltage compatible
2 Applications
• Parallel data storage
• Digital bus buffer
3 Description
These 8-bit latches feature 3-state outputs designed
specifically for driving highly capacitive or relatively
low-impedance loads. The devices are particularly
suitable for implementing buffer registers, I/O ports,
bus drivers, and working registers.
Device Information
PART NUMBER
RATING
PACKAGE(1)
SN54ACT573
Military
J (CDIP, 20)
W (CFP, 20)
FK (LCCC, 20)
SN74ACT573
Catalog
DB (SSOP, 20)
DW (SOIC, 20)
N (WQFN, 20)
NS (SOP, 20)
PW (TSSOP, 20)
RKS (VQFN, 20)
(1)
For more information, see Section 11.
Logic Diagram (Positive Logic)
SN54ACT573, SN74ACT573
SCAS538G – OCTOBER 1995 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74ACT573DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT573DBR TI-SN74ACT573DBR Datasheet
520Kb / 16P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ACT573DBR TI1-SN74ACT573DBR Datasheet
1Mb / 22P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ACT573DBRE4 TI-SN74ACT573DBRE4 Datasheet
520Kb / 16P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ACT573DBR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com