Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Flowmeter for gases
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Type 8007
5 | 10
Visit product website 
4.
Device/Process connections
4.1. Standard version
Note:
• The Pin assignment was changed with the new device generation. For questions, please contact the responsible Bürkert facility.
• If the sensor is placed at the end of the Modbus system a termination is required. The sensors have an internal switchable
termination. To use that the 6 fastening screws from the lid must be released and the internal DIP switch must be set to “On”.
Please ensure that the connection plugs are still plugged and the gasket is installed correctly. Alternatively, a 120R resistor can be
installed in the plug between pin 2 and pin 4.
1
5
4
3
2
5
4
3
2
1
5
4
3
2
1
Connector A
Connector B
M12 connector
M12 connector A
M12 connector B
brown
black
4...20 mA
grey
blue
white
Modbus (B)
Modbus (A)
+ VB
- VB
black
grey
Pin
Connector A
(connection port)
Connection cable A
Connector B
(pulse port)
Connection cable B
1
VB +
Positive power supply 12…36 V DC smoothed
brown
1.)
brown
2
RS 485 (A)
Modbus-RTU A
white
GND
white
3
VB -
Negative power supply 12…36 V DC smoothed
blue
DIR
Direction input
blue
4
RS 485 (B)
Modbus-RTU b
black
P
Pulse for usage
black
5
I +
Current signal 4…20 mA,
selected measurement signal
grey
P
Pulse for usage
grey
1.) Not connected. It is not allowed to put to potential and/or earth.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com