Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Flowmeter for gases
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Type 8007
6 | 10
Visit product website 
4.2. Heavy Duty version
Note:
If the sensor is used at the end of the Modbus system a bus termination is required. Please connect the enclosed 120R resistor to
the terminals, Pin 1 and 3 of “X2” connector.
1 2
I (4-20 mA)
1 2
X1
X2
X4
X6
X5
I (4-20 mA)
1 2
1 2 3
1
2 3 4
Main Board
X 1
X 2
X 4
1
2
1
2
3
1
2
3
4
Main Board
X 1
X 2
X 4
1
2
1
2
3
1
2
3
4
Main Board
120R
Shut
down
Modbus
Plug layout
Voltage supply
Modbus
Pin
Plug
Description
1
X1 Voltage supply
VB - (negative supply voltage GND)
2
VB + (positive supply voltage 12 V…36 V DC)
1
X2 Modbus
Modbus (B)
2
Modbus shield
3
Modbus (A)
1
X4 Direction / impulse
Pulse / Alarm1.)
2
Pulse / Alarm1.)
3
Direction input
4
GND
1
X5 Power output 1
I- Active1.)
2
I+ Active1.)
1
X6 Power output 2
I- Active1.)
2
I+ Active1.)
1.) All analogue outputs are galvanic isolated.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com