Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Flowmeter with oval rotors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Type 8077
6 | 7
Visit product website 
5.
Product installation
5.1. Installation notes
Note:
The device is not suitable for use in gaseous media and steam.
The flowmeter can be installed in any orientation as long as the rotor shafts are always in a horizontal plane.
Correct
Incorrect
The following installation conditions must also be observed:
• The pipe always has to be filled with fluid at all times near the device.
• The pipe design must be such that no air bubbles or cavitation can form within the medium near the device at any time.
• We recommend the installation of a 75 µm strainer as close as possible to the inlet side of the meter, to prevent damage from particles,
• Air purges can damage the appliance and should therefore be avoided.
6.
Product operation
6.1. Measuring principle
When liquid flows through the pipe, the rotors turn. This rotation produces a measuring signal in the associated Hall sensor. The rotation
frequency of this signal is proportional to the flow velocity of the fluid. The volume of the fluid being transferred in this way is exactly
determined through the sensor geometry.
A conversion coefficient, specific to each meter size, enables the conversion of this frequency into a flow rate. The standard K factor
depending on the meter size is available in the flowmeter’s operating instructions, see Type 8077 . To improve the measurement deviation,
a device-specific K factor is given on the device label.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com