Electronic Components Datasheet Search
  English  ▼

X  

2301 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 2301
Description  Vibrating filling level switch with extension tube
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2301 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 2301 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Type 8112
7 | 11
Visit product website 
4.2. G 1" or NPT 1" connection
Note:
Dimensions in mm, unless otherwise stated
G 1/ (NPT1)
AF41
∅ 80.5
approx. 75.5
∅ 91
∅ 21.3
16
M20 x 1.5
cable gland
M20 x 1.5
closing screw
Switching
point
Length L
300
500
1000
4.3. Clamp 2" connection
Note:
Dimensions in mm, unless otherwise stated
∅ 21.3
16
Switching
point
∅ 64
∅ 80.5
approx. 75.5
∅ 91
Clamp 2"
∅ 47.8
M20 x 1.5
cable gland
M20 x 1.5
closing screw
Length L
300
500
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com