Electronic Components Datasheet Search
  English  ▼

X  

2301 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2301
Description  Vibrating filling level switch with extension tube
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2301 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2301 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Visit product website 
DATA SHEET
Type 2030
Pneumatically operated
2/2-way diaphragm valve
CLASSIC with plastic
valve body
Type 8644
AirLINE SP electropneu-
matic automation system
Type 2301
Pneumatically operated
2-way Globe Control
Valve
Type 8619
multiCELL - Multi-channel
and multi-function
transmitter/controller
Standard | EU | en | 2023-12-18 | 16
Vibrating filling level switch with extension tube
• For universal applications such as filling level detection or dry run
protection system
• Installation without adjustment
• Ideal for the food, beverage and pharmaceutical industry with a
surface roughness < 0.8 μm
• ATEX approvals
The Type 8112 is a filling level switch for liquids, using a tuning fork as the sensor
element.
It is designed for industrial use in areas of process technology and can be used in
liquids. Typical applications are overfill or dry run protection.
The Type 8112 is available with different sensor lengths. The immersion depth can
be adapted thanks to a lock fitting.
Due to the simple and rugged measuring system, the Type 8112 is virtually unaf-
fected by the chemical and physical features of the liquid. It works even under
unfavourable conditions such as turbulence, air bubbles, foam generation (not suit-
able for measuring the foam thickness itself), adhesions, strong external vibrations
or varying filling materials.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8112
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2301

ManufacturerPart #DatasheetDescription
logo
GHz Technology
2301 GHZTECH-2301 Datasheet
170Kb / 3P
1.5 Watt - 20 Volts, Class C Microwave 2300 MHz
logo
Nanjing International G...
2301 DGNJDZ-2301 Datasheet
4Mb / 5P
SOT-23 Plastic-Encapsulate MOSFETS
logo
SHENZHEN FUMAN ELECTRON...
2301 FUMAN-2301 Datasheet
171Kb / 3P
10V P-Channel Enhanced MOS FET
logo
KIA Semiconductor Techn...
2301 KIA-2301 Datasheet
111Kb / 4P
-2.8A竊?20V P-CHANNEL MOSFET
logo
Heyco.
2301 HEYCO-2301 Datasheet
106Kb / 1P
Snap Bushings
More results

Similar Description - 2301

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
Load Switch with Level-Shift
04-Mar-02
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
Load Switch with Level-Shift
05-Aug-02
logo
Murata Manufacturing Co...
ENC-03R MURATA-ENC-03R Datasheet
83Kb / 4P
Piezoelectric Vibrating Gyroscopes
logo
Vishay Siliconix
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Magnetrol International...
V1H-D1B0-001 MAGNETROL-V1H-D1B0-001 Datasheet
169Kb / 4P
Solitel짰 Vibrating Rod Level Switch
V1H-D1B0-025 MAGNETROL-V1H-D1B0-025 Datasheet
281Kb / 12P
Solitel Vibrating Rod Level Switch
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
Load Switch with Level-Shift
20-Sep-10
logo
Rosenberger Hochfrequen...
98Z105-S90-380 ROSENBERGER-98Z105-S90-380 Datasheet
912Kb / 2P
RFE Extension Tube
logo
ZIEHL industrie-elektro...
V223470 ZIEHL-V223470 Datasheet
335Kb / 2P
Filling level probe Type NS6123-6 for measuring filling level of water and gasoil 0 - 250 mbar, integrated measuring transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com