Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Radar level meter for aggressive media
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8644 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 8136
3 | 14
Visit product website 
1.
General technical data
Product properties
Material
Please make sure the device materials are compatible with the fluid you are using.
Detailed information can be found in chapter “4.1. Chemical Resistance Chart – Bürkert resistApp” on page 6.
Non wetted parts
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5.
Housing
PBT, stainless steel 316L (1.4404)
Cover
PC transparent
Seal between housing and cover
EPDM
Cable gland
PA
Blind plug
PA
Ground terminal
Stainless steel 316Ti/316L (1.4571/1.4435)
Wetted parts
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5.
Dimensions
Detailed information can be found in chapter “5. Dimensions” on page 7.
Weights
0.7…3.4 kg (depending on process connection and antenna)
Measuring variable
Distance between the end of the level meter antenna and the product surface.
Detailed information can be found in chapters “6.1. Measurement deviation diagram” on
page 8 and “8.1. Measuring principle” on page 10.
Measuring range
Max. 20 m (depending on the device version).
Detailed information can be found in chapter “2. Product versions” on page 5.
Beam angle1.)
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5.
Damping (63 % of the input value)
0…999 s, adjustable
Step response time2.)
≤ 3 s
Product accessories
Display
LCD in full dot matrix (optional, must be ordered separately). Detailed information can be
found in chapter “10.4. Ordering chart accessories” on page 13.
Performance data
Measurement deviation
± 2 mm (measuring distance > 0.5 m)
Detailed information can be found in chapter “4.1. Measurement deviation diagram” on
page 3.
Measuring range resolution
1 mm
Measuring frequency
K-Band (26 GHz technology)
Measuring cycle time
Approx. 450 ms
Temperature drift
• Digital output: ± 3 mm/10 K, max. 10 mm
• Current output: < 0.03 %/10K relating to the 16 mA span or ≤ 0.3 %
Non-repeatability3.)
≤ 1 mm
Vibration resistance
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5.
Shock resistance
100 g, 6 ms according to EN 60068-2-27 (mechanical shock)
Electrical data
Operating voltage (U
n)
• Without display/configuration module:
– 9.6…35 V DC
– 9.6…30 V DC (Ex ia instrument)
• With display/configuration module:
– 16…35 V DC
– 16…30 V DC (Ex ia instrument)
Power Source (not supplied)
Limited power source according to UL/EN 60950-1 standards or limited energy circuit
according to UL/EN 61010-1 §9.4
Starting current
≤ 3.6 mA; ≤ 10 mA for 5 ms after switching on
DC reverse polarity protection
Yes
Output signal
4…20 mA/HART
Signal resolution
0.3 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com