Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Radar level meter for aggressive media
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Type 8136
10 | 14
Visit product website 
8.
Product operation
8.1. Measuring principle
The radar measuring device consists of an electronic housing, a process connection element with antenna and a sensor. The antenna
emits short radar pulses with a duration of approximate 1 ns to the medium. These pulses are reflected by the medium surface and
received by the antenna as echoes. Radar waves travel at the speed of light. The running time of the radar pulses from emission to
reception is proportional to the distance and hence to the level. The determined level is converted into an output signal and transmit-
ted as a measured value.
The measuring range of the radar level measuring device begins physically at the end of the antenna. However, the min./max. adjust-
ment begins at the reference plane. The position of the reference plane depends on the sensor version.
• Version with encapsulated horn antenna: the reference plane is the sealing surface on the hexagon.
• Version with plastic horn antenna: the reference plane is the lower side of the flange.
Reference plane
Version with encapsulated
horn antenna
Version with plastic
horn antenna 80 mm
8.2.
8.3. Product operation notes
Operating techniques
The measuring device provides different operating techniques:
• the display/configuration module
• the suitable Bürkert DTM in conjunction with adjustment software according to the FDT/DTM standard, e.g. PACTware™ and PC
• a HART handheld
The entered parameters are generally saved in the measuring device Type 8136. Optionally, parameters may also be uploaded and
downloaded with the display/configuration module or saved in a file by using PACTware™/8136-DTM.
Set up with display/configuration module
Display/configuration module
Description
The display/configuration module can be inserted into the measuring device and removed
again at any time. It is not necessary to interrupt the power supply. The measuring device is
adjusted via the four keys of the display/configuration module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com