Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Radar level meter for higher pressure ranges
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8644 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Type 8137
4 | 12
Visit product website 
DC reverse polarity protection
Yes
Output signal
4…20 mA/HART
Signal resolution
0.3 µA
Range of the output signal
3.8…20.5 mA/HART (default setting)
Load resistor
(U
n - Umin.)/0.022 A
Fault signal
Current output: mA value unchanged, 20.5 mA, 22 mA or < 3.6 mA (adjustable)
Max. output current
22 mA
Residual ripple (at DC)
• For 9.6 V < U
n < 18 V: ≤ 0.7 Veff (16…400 Hz)
• For 18 V < U
n < 35 V: ≤ 1.0 Veff (16…400 Hz)
Voltage supply cable
• Cable diameter: 5…9 mm
• Wire cross-section (spring-loaded terminals):
– massive wire, stranded wire: 0.2…2.5 mm2 (AWG 24…14)
– stranded wire with end sleeve: 0.2…1.5 mm2 (AWG 24…16)
Medium data
Process temperature
- 40 °C…+ 130 °C (- 40 °F…266 °F)
Process pressure
Vessel pressure: - 1…40 bar (- 100…4000 kPa/- 14.5…580 psi) or according to flange rules
Dielectric constant (min.)
εr > 1.6
Process/Port connection & communication
Process connection
• Thread G 1½" or NPT 1½"
• Flange DN 50 or DN 100 DIN 2501, 2" or 4" ANSI B16.5
Electrical connection
Cable glands M20 x 1.5
Approvals and Certificates
Standards
Degree of protection according to
IEC/EN 60529
IP66/IP67 with M20 x 1.5 gland mounted and tightened
Overvoltage category
according to IEC 61010-1
Category III
Protection class according to
IEC 61010-1
Class III
Directives
CE directives
The applied standards, which verify conformity with the EU Directives, can be found on
the EU Type Examination Certificate and/or the EU Declaration of conformity (if applica-
ble)
NAMUR recommendations
• NE21 – Electromagnetic compatibility of equipment
• NE43 – Signal level for fault information from measuring transducers
• NE53 - Compatibility of field devices and display/adjustment components
• NE107 - Self-monitoring and diagnosis of field devices
Approvals
ATEX
EN 60079-0, EN 60079-11, EN 60079-26
Detailed information can be found in chapter “2.1. ATEX-Certification” on page 5.
Environment and installation
Ambient temperature
Operation and storage: - 40 °C…+ 80 °C (- 40 °F…+ 176 °F)
Relative air humidity
20…85 %, without condensation
Height above sea level
• By default: max. 2000 m
• With connected overvoltage protection: max. 5000 m
Pollution degree
Degree 4 (when used with fulfilled housing protection)
1.) Outside the specified beam angle, the energy level of the radar signal is 50 % (- 3 dB) less
2.) Time span after a sudden measuring distance change by max. 0.5 m in liquid applications, max 2 m with bulk solids applications, until the output signal has taken for the
first time 90 % of the final value (IEC 61298-2)
3.) Already included in the measuring deviation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com