Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Radar level meter for higher pressure ranges
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Type 8137
10 | 12
Visit product website 
7.
Ordering information
7.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
7.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
7.3. Ordering chart
Note:
All following versions are supplied without display/configuration module.
Operating voltage
Output
Antenna version
Process connection
Electrical connection
Article no.
Standard version
9.6…35 V DC
4…20 mA/HART
(2 wires)
Ø 40 mm
G 1½
Cable gland M20 x 1.5
560157 
NPT 1½
560159 
Flange DN 50
DIN 2501 / 40 bar
560161 
Flange 2"
ANSI B16.5 / 150 lb RF
560163 
Ø 75 mm
Flange DN 100
DIN 2501 / 40 bar
560165 
Flange 4"
ANSI B16.5 / 150 lb RF
560167 
Ex version – ATEX approval
9.6…30 V DC
4…20 mA/HART
(2 wires)
Ø 40 mm
G 1½
Cable gland M20 x 1.5
560158 
NPT 1½
560160 
Flange DN 50
DIN 2501 / 16 bar
560162 
Flange 2"
ANSI B16.5 / 150 lb RF
560164 
Ø 75 mm
Flange DN 100
DIN 2501 / 40 bar
560166 
Flange 4"
ANSI B16.5 / 150 lb RF
560168 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com