Electronic Components Datasheet Search
  English  ▼

X  

8719 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8719
Description  Liquid Flow Controller (LFC)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8719 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8719 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Type 8719
7 | 11
Visit product website 
Note:
• Optional Pin 7 and 8 with bus version as transmitter input possible.
• The cable length for RS232/ actual value signal is limited to 30 meters.
PROFIBUS DP – socket B-coded M12
(DPV1 max. 12 Mbaud)
Pin Assignment
1
5
4
3
2
1
VDD (only for termination resistor)
2
RxD/TxD – N (A-line)
3
DGND
4
RxD/TxD – P (B-line)
5
Not connected
CANopen – Plug A-coded M12
Pin Assignment
1
5
4
3
2
1
Shield
2
Not connected
3
DGND
4
CAN_H
5
CAN_L
5.
Product operation
5.1. Measuring principle
• The sensor measures the flow by means of differential pressure. An orifice in the main channel causes pressure loss at liquid flow
which is measured by the differential pressure sensor. The sensor feedbacks a precise and temperature compensated signal out
of which the electronics calculates the corresponding flow.
• To avoid a blockage of the aperture by contaminated mediums an upstream filter is recommended.
p1
p2
0
5
10
15
bar
0
5
10
15
bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com