Electronic Components Datasheet Search
  English  ▼

X  

8719 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8719
Description  Liquid Flow Controller (LFC)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8719 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8719 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8719 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Visit product website 
DATA SHEET
Type 8611
eCONTROL - Universal
controller
Type 6011
Plunger valve 2/2 way
direct-acting
Type 6606
2/2 or 3/2 way Rock-
er-Solenoid Valve with
separating diaphragm
Type 8619
multiCELL - Multi-chan-
nel and multi-function
transmitter/controller
1000116762 | Standard | EU | en | 202203 | 09
Liquid Flow Controller (LFC)
• High dynamic control through fast flow measurement
• Applicable for liquid dosing up to 600 ml/min (36 l/h)
• No moving parts in medium
• Protection class IP65
• Fieldbus optional
Type 8719 is an instrument for liquid flow control in process technology. The
measured value provided by the sensor will be compared in the digital control
electronics with the predefined set point according to the signal; if a control
difference is present, the control value output to the proportional valve will
be modified using a PI-control algorithm. In this way, the flow can be main-
tained at a fi xed value or a predefined profile can be followed, regardless of
pressure changes or other disturbances in the system. As a control element,
a proportional valve working at low friction guarantees the high sensitivity and
good control characteristics of the unit.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8719
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8719

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8719 BELDEN-8719 Datasheet
261Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, PVC Jkt, CM
logo
Intel Corporation
87196CA INTEL-87196CA Datasheet
453Kb / 33P
ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
87196CB INTEL-87196CB Datasheet
453Kb / 33P
ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
logo
Belden Inc.
8719ELW BELDEN-8719ELW Datasheet
161Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, PSZH Jkt, Cca
03-06-2023
8719ELW.001000 BELDEN-8719ELW.001000 Datasheet
161Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, PSZH Jkt, Cca
03-06-2023
More results

Similar Description - 8719

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS7-4 ETC-FS7-4 Datasheet
38Kb / 2P
Flow Switches - Liquid
logo
TT Electronics.
DS1433 TTELEC-DS1433 Datasheet
326Kb / 2P
Adjustable Liquid Flow Switch
DS1434 TTELEC-DS1434 Datasheet
327Kb / 2P
Paddle Liquid Flow Switch
logo
Renesas Technology Corp
FS1023 RENESAS-FS1023 Datasheet
439Kb / 7P
Liquid Flow Sensor Module
FS1025 RENESAS-FS1025 Datasheet
715Kb / 6P
Liquid Flow Sensor Module
FS1027 RENESAS-FS1027 Datasheet
567Kb / 6P
Liquid Flow Sensor Module
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
FS1027-DL RENESAS-FS1027-DL Datasheet
491Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
logo
List of Unclassifed Man...
F61 ETC-F61 Datasheet
153Kb / 1P
Flow Switches for Liquid
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
LIQUID FLOW SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com