Electronic Components Datasheet Search
  English  ▼

X  

6752-12 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 6752-12
Description  2½ to 65 Amp, Single–Phase, Ambient Compensated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

6752-12 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  6752-12 Datasheet HTML 1Page - Sensata Technologies, Inc. 6752-12 Datasheet HTML 2Page - Sensata Technologies, Inc. 6752-12 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| 6752-12 SERIES
2½ to 65 Amp, Single–Phase, Ambient Compensated
Introduction
The Klixon® 6752-12 series thermal–magnetic circuit breakers are designed and manufactured to meet the more stringent military standards of today’s
aircraft electrical systems.
The interrupting capacity, vibration resistance and longer cycling life of the 6752-12 series exceed previous military standards. In addition, the 6752-12
series provide ambient compensation, fault coordination of all ratings, and an option for auxiliary circuits.
Features
• Trip–free design
• Single–phase
• Ambient compensated
• MIL-DTL-27715 qualified
• Current rating: 2.5 to 65 amps
• Long, trouble–free operation: 20,000 operating cycles
• High vibration resistance
• High interrupting capacity
• Option available: Auxiliary circuits
• Circuit protection unaffected by temperature fluctuations (ambient
compensated from -53.9°C to 93.3°C)
• Only faulted line circuits opened (coordination ratings insure that
branch circuit breakers trip first under fault conditions)
• Typical use: Aircraft electrical systems
PERFORMANCE CHARACTERISTICS
Vibrations
10G minimum, 5–2,000 Hz (other vibration levels available)
Mechanical Shock
25G
Acceleration
10G
Weight
0.2 pound maximum
Interrupt Current
2½–65 amps: 6,000 amps at 30 VDC
2½–50 amps: 6,000 amps at 120 VAC, 400 Hz
65 amps, 3000 amps at 120VAC, 400 Hz
Endurance
5,000 cycles: 120 VAC, 400 Hz inductive
5,000 cycles: 120 VAC, 400 Hz resistive
10,000 cycles: Mechanical, no load
20,000 cycles: Total


Similar Part No. - 6752-12

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
6752-100 SENSATA-6752-100 Datasheet
129Kb / 3P
50–100 Amp, Single–Phase, 3–Phase, Ambient Compensated
Rev:10/05/18
6752-100-100 SENSATA-6752-100-100 Datasheet
129Kb / 3P
50–100 Amp, Single–Phase, 3–Phase, Ambient Compensated
Rev:10/05/18
6752-100-50 SENSATA-6752-100-50 Datasheet
129Kb / 3P
50–100 Amp, Single–Phase, 3–Phase, Ambient Compensated
Rev:10/05/18
6752-100-60 SENSATA-6752-100-60 Datasheet
129Kb / 3P
50–100 Amp, Single–Phase, 3–Phase, Ambient Compensated
Rev:10/05/18
6752-100-70 SENSATA-6752-100-70 Datasheet
129Kb / 3P
50–100 Amp, Single–Phase, 3–Phase, Ambient Compensated
Rev:10/05/18
More results

Similar Description - 6752-12

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2W005G FUJI-2W005G Datasheet
729Kb / 1P
2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
2W005 MCC-2W005 Datasheet
78Kb / 2P
2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
BR805DL MCC-BR805DL Datasheet
90Kb / 2P
2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
BJ39931 ETC-BJ39931 Datasheet
426Kb / 5P
SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
logo
Micro Commercial Compon...
2W005 MCC-2W005_06 Datasheet
153Kb / 4P
2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
2W005G MCC-2W005G Datasheet
165Kb / 4P
2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
DB201S KISEMICONDUCTOR-DB201S Datasheet
252Kb / 2P
2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
BR805DL MCC-BR805DL_07 Datasheet
148Kb / 3P
2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
G2SB20 MCC-G2SB20 Datasheet
144Kb / 3P
2 Amp Glass Passivated Single-Phase Rectifiers
SDB201 MCC-SDB201 Datasheet
224Kb / 3P
2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com