Electronic Components Datasheet Search
  English  ▼

X  

6752-12 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 6752-12
Description  2½ to 65 Amp, Single–Phase, Ambient Compensated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

6752-12 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  6752-12 Datasheet HTML 1Page - Sensata Technologies, Inc. 6752-12 Datasheet HTML 2Page - Sensata Technologies, Inc. 6752-12 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Device
Trip Time (in seconds)
200%
500%
1000%
6752-12-2½
12–32
2.30–6.50
0.32–1.10
6752-12-5
14–36
2.50–6.50
0.45-1.10
6752-12-7½
16–40
2.50–7.00
0.34–1.10
6752-12-10
18–42
2.70–7.75
0.45–1.20
6752-12-15
20–45
2.70–8.00
0.36-1.20
6752-12-20
20–48
2.70–8.00
0.36–1.20
6752-12-25
20–50
2.70–9.50
0.36–1.20
6752-12-35
20–53
2.70–8.00
0.36-1.20
6752-12-50
20–55
2.70–10.00
0.36–1.40
6752-12-65
15-65
2.3-7.5
-
AMPS, VOLTS, MS CROSS
CALIBRATION CHART
For a Standard Device
Klixon® Part
Mil–spec Number
Amp
Voltage Drop
6752-12-2½
MS 24571-2
MS 24571-2V
2.5
0.60
6752-12-5
MS 24571-5
MS 24571-5V
5
0.40
6752-12-7½
MS 24571-7
MS 24571-7V
7.5
0.30
6752-12-10
MS 24571-10
MS 24571-10V
10
0.25
6752-12-15
MS 24571-15
MS 24571-15V
15
0.25
6752-12-20
MS 24571-20
MS 24571-20V
20
0.25
6752-12-25
MS 24571-25
MS 24571-25V
25
0.25
6752-12-35
MS 24571-35
MS 24571-35V
35
0.25
6752-12-50
MS 24571-50
MS 24571-50V
50
0.25
6752-12-65
-
-
65
.030
When ordering, request S.R. 12507-356 to mark MS part number with “V”.
TRIP CURVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com