Electronic Components Datasheet Search
  English  ▼

X  

CDA Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # CDA
Description  2 TO 40 AMP COMMERCIAL THERMAL CIRCUIT BREAKER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CDA Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  CDA Datasheet HTML 1Page - Sensata Technologies, Inc. CDA Datasheet HTML 2Page - Sensata Technologies, Inc. CDA Datasheet HTML 3Page - Sensata Technologies, Inc. CDA Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
ORDERING OPTIONS
DERATING CURVE
Example : CA-15-
Amp Rating
Mounting Nuts
Configuration
CA: Auto, open unit
CM: Manual, open unit
CDA: Auto, sealed unit
CDM: Manual, sealed unit
CA
15
2
3
4
5
6
8
10
12.5
15
17.5
20
25
30
35
40
: Leave blank for none
I: Optional mounting nuts
Performance characteristics are based on room temperature
(77°F, 25°C). Consult derating curve for ambient temperatures
significantly higher or lower than standard room temperature.
Example: At 77°F (25°C) the device is calibrated to hold at 100%
of rated current (1) and trip at 135% of rated current (2). At 140°F
(60°C), the same device will hold at approximately 78% of rated
current (3), and trip at approximately 115% of rated current (4).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com