Electronic Components Datasheet Search
  English  ▼

X  

CDA Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # CDA
Description  2 TO 40 AMP COMMERCIAL THERMAL CIRCUIT BREAKER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CDA Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  CDA Datasheet HTML 1Page - Sensata Technologies, Inc. CDA Datasheet HTML 2Page - Sensata Technologies, Inc. CDA Datasheet HTML 3Page - Sensata Technologies, Inc. CDA Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| C SERIES (CA, CM, CDA, CDM)
2 TO 40 AMP COMMERCIAL THERMAL CIRCUIT BREAKER
SPECIFICATIONS
The C series thermal breakers are designed to protect wiring and meet the harshest environmental requirements. The C series closed construction circuit
breakers are weatherproof sealed for protection against moisture, dust, grease, fuel vapors and other harsh environments. The C series breakers are
compact, lightweight and designed to interrupt short circuits or overloads, and combine trip-free protection with fast response time. Typical applications
are protection of wire cable of accessory circuits, equipment and battery protection in construction and off-road equipment, marine, recreational vehicles
(RV’s), mining, agricultural equipment and electric (hybrid) vehicles.
Features
Introduction
• 30VDC or 120VAC, 2 to 40 Amps
• Open and closed construction
• Automatic and manual reset options
• Ignition protected SAE J1171
• Weatherproof SAE J553
• UL Recognized E36869
Calibration : 200% rated current, 77°F
(25°C)
2 to 10 amps : 20 to 150 seconds
12.5 to 40 amps : 5 to 55 seconds
Ultimate Trip At 77°F (25°C)
Must hold 100%, Must trip 135%
Endurance
Per SAE J553
Interrupt Current Capacity
Per SAE J553 and ABYC E-11
Vibration
10G MIL-STD-202 Method 204, Condition A
Mechanical Shock
MIL-STD-202 Method 101D (sealed only)
Dielectric Strength
MIL-STD-202 Method 301, 1500VAC min
Insulation Resistance
MIL-STD-202 Method 302, Condition B, 100MΩ min
Weight
CDM: 48 grams max
CDA: 41 grams max
CM : 37 grams max
CA : 32 grams max


Similar Part No. - CDA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CDA-15PF HIROSE-CDA-15PF Datasheet
272Kb / 6P
CD CRIMP TYPE CONNECTOR
CDA-15SF HIROSE-CDA-15SF Datasheet
272Kb / 6P
CD CRIMP TYPE CONNECTOR
CDA-25PF HIROSE-CDA-25PF Datasheet
272Kb / 6P
CD CRIMP TYPE CONNECTOR
CDA-25SF HIROSE-CDA-25SF Datasheet
272Kb / 6P
CD CRIMP TYPE CONNECTOR
CDA-37PF HIROSE-CDA-37PF Datasheet
272Kb / 6P
CD CRIMP TYPE CONNECTOR
More results

Similar Description - CDA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
Resettable Thermal Circuit Breaker
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
Thermal Circuit Breaker
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
Circuit Breaker for Equipment thermal-magnetic, 2 poles
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
Jul 27, 2020
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
102774 PHOENIX-102774 Datasheet
197Kb / 3P
Thermal Circuit Breaker
11/2006
100212 PHOENIX-100212 Datasheet
175Kb / 3P
Thermal Circuit Breaker
11/2006
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com