Electronic Components Datasheet Search
  English  ▼

X  

8741 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8741
Description  Single phase primary switched power supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8741 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8741 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Type 1573
3 | 9
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “2. Dimensions” on page 5
Transient surge voltage protection (varis-
tor)
Yes
Parallel operation
Yes
Serial operation
Yes
Signaling
Signaling ‘DC OK’ (LED lit permanently
green)
U
out > 21.5 V
Terminals Signaling
Push-In, max . 2.5 mm²
Electrical data
Input data
Nominal Input Voltage
AC 100…240 V
Input Voltage range
85…264 V AC (120…372 V DC)
Frequency range
47 Hz…63 Hz/0 Hz
Inrush current limitation
< 30 A, NTC
Terminal input
Push-In, max . 2.5 mm²
Output data
Nominal Output Voltage
24 V DC ± 1 %
Resistance to reverse feed max. (nominal
load)
Max . 35 V DC
Terminal Output
Push-In, max. 2.5 mm²
Approvals and certificates
Protection class acc. to IEC 60529
IP20
Norms
Safety
EN 61558 - 2 - 16, EN 60950 - 1
EMC
EN 61204 - 3, EN 60335 - 1
Safety extra-low voltage (SELV/PELV)
IEC 60364 - 4 - 41 (DIN VDE 0100 - 410)
CE acc. to 2004/108/EC and 2006/95/EC
Yes
Mounting on standard rail
DIN EN 60715-TH35-5/7.5
Yes
Environment and installation
Storage Temperature
- 25 °C… + 85 °C
Required minimum spacing (over/under)
50 mm
Convection Cooling
Yes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com