Electronic Components Datasheet Search
  English  ▼

X  

8741 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8741
Description  Single phase primary switched power supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8741 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8741 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Visit product website 
DATA SHEET
Type 8741
Mass Flow Controller
(MFC)/ Mass Flow Me-
ter (MFM) for Gases
Type 8905
Online Analysis System
Type 8640
Customized Pneumatic
Systems Solutions for
the Processing Indus-
tries
Type 8644
Remote Process Actu-
ation Control System
AirLINE
Type 8619
multiCELL - Multi-chan-
nel and multi-function
transmitter/controller
1000252581 | Standard | EU | en | 201909 | 08
Single phase primary switched power supply
• Stabilised and adjustable output voltage
• Parallel operation
• Push-In terminals
• Panel installation on mounting rails
• DC OK Signalling
Efficient, primary switched mode power supply in slim plastic housing. A
powerful and flexible option that’s still light and compact. These power supply
units are suitable for a highly diverse range of applications in solar, measure-
ment and control technology as well as industrial and building automation.
The output voltage can be easily set using the rotary potentiometer on the
front of the housing. The DIN rail fastening method and push-in connection
terminals enable fast and secure mounting.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 1573
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8741

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8741 BELDEN-8741 Datasheet
157Kb / 2P
Electronic, 2 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
logo
Christian Bürkert GmbH ...
8741 BURKERT-8741 Datasheet
4Mb / 24P
Mass flow controller (MFC)/mass flow meter (MFM) for gases
06.03.2024
8741 BURKERT-8741 Datasheet
1Mb / 11P
I/O module, IP20
13.04.2023
logo
Belden Inc.
8741.0601000 BELDEN-8741.0601000 Datasheet
157Kb / 2P
Electronic, 2 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8741.0605000 BELDEN-8741.0605000 Datasheet
157Kb / 2P
Electronic, 2 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
More results

Similar Description - 8741

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSRA3 ETC2-PSRA3 Datasheet
886Kb / 2P
Single phase, primary switched mode power supply
PVSB400 ETC2-PVSB400 Datasheet
1Mb / 2P
Three phase, primary switched mode power supply, Basic
logo
STMicroelectronics
VIPER12A-E STMICROELECTRONICS-VIPER12A-E Datasheet
528Kb / 21P
Low power offline switched-mode power supply primary switcher
13-Dec-2010
logo
PHOENIX CONTACT
102051 PHOENIX-102051 Datasheet
265Kb / 8P
Power Supply Unit, Primary Switched, Narrow Design
102053 PHOENIX-102053 Datasheet
251Kb / 8P
Power Supply Unit, Primary Switched, Narrow Design
103986 PHOENIX-103986 Datasheet
362Kb / 11P
Primary-switched power supply for building automation
07/2009
102549 PHOENIX-102549 Datasheet
557Kb / 14P
Power supply unit, primary switched-mode, single-phase, output: 48 V DC /10 A
01/2007
102044 PHOENIX-102044 Datasheet
236Kb / 13P
Primary-Switched Power Supply for Supplying AS-Interface Systems
01/2005
102045 PHOENIX-102045 Datasheet
252Kb / 13P
Primary-Switched Power Supply for Supplying AS-Interface Systems
01/2005
100035 PHOENIX-100035 Datasheet
767Kb / 11P
3-Phase Primary-Switched Power Supply Unit
12/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com