Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Single phase primary switched power supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8640 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Type 1573
4 | 9
Visit product website 
1.1. Technical data for articles 772361, 772362, 772898 and 772698
Product properties
772361
772362
772898
772698
Dimensions (W x H x D)
22.5 × 90 × 97.5 mm
45 × 90 × 97.5 mm
52 × 90 × 111 mm
55 × 127 × 161 mm
Weight
128 g
210 g
390 g
930 g
Signal contact DC OK
(active high)
U
out > 21.5 V max.
20 mA @ 24 V DC
U
out > 21.5 V max.
20 mA @ 24 V DC
U
out > 21.5 V max.
20 mA @ 24 V DC
–
Signal output DC OK
relay, contact closed
–
–
–
U
out > 21.5 max. 30 V/1 A
Electrical data
Input data
Input voltage derating
- 2.5 %/Vac < 95 V AC
- 2.5 %/Vac < 95 V AC
- 2.5 %/Vac < 95 V AC
- 2.5 %/Vac < 100 V AC
Nominal input current
(nominal load)
0.49 A(100 V AC)/
0.28 A (240 V AC)
0.82 A (100 V AC)/
0.48 A (240 V AC)
1.73 A (100 V AC)/
0.95 A (240 V AC)
2.74 A (100 V AC)/
1.25 A (230 V AC)
Turn-on time after apply-
ing the main voltage
2.3 Sec. (100 V AC)/
0.74 Sec. (230 V AC)
0.5 Sec. (100 V AC)/
0.27 Sec. (230 V AC)
0.5 Sec. (100 V AC)/
0.2 Sec. (230 V AC)
1.3 Sec. (100 V AC)/
0.25 Sec. (230 V AC)
Mains buffering (nominal
load)
20/120 ms
(100/230 V AC)
20/120 ms
(100/230 V AC)
15/80 ms
(100/230 V AC)
15/17 ms
(100/230 V AC)
Recommended power
circuit breaker (charac-
teristic)
6 A, 10 A, 16 A (B,C)
6 A, 10 A, 16 A (B, C)
6 A, 10 A, 16 A (B,C)
10 A, 16 A (B,C)
Output data
Output voltage range
23…28.5 V DC
23…28.5 V DC
23…28.5 V DC
( > 24 V DC
contant power)
23…28.5 V DC
Nominal output current
1 A
2 A
3.8 A
10 A
Output current limitation
constant current
Typ. 1.25…1.4 A
Typ. 2.25…2.4 A
Typ. 3.8…3.2 A
Typ. 11…13 A
Power losses (Stand-by/
nominal load)
< 1 W/4 W
(230 V AC)
< 1 W/6 W
(230 V AC)
< 2.8 W/14 W
(230 V AC)
6.6 W/24.4 W
(230 V AC)
Maximum power losses
5 W
(100 V AC/24 V/1 A)
7 W
(100 V AC/24 V/2 A)
20 W
(100 V AC/91 W)
31.3 W
(100 V AC/24 V/10 A)
Efficiency
Typ. 86 %
Typ. 89 %
Typ. 87 %
Typ. 91 %
Ripple/noise
Typ. 20 mV
ss
Typ. 20 mV
ss
Typ. 20 mV
ss
Typ. 50 mV
ss
Protection against inter-
nal surge voltage (OVP)
Max. 39 V DC
Max. 37 V DC
Max. 40 V DC
Max. 40 V DC
Approvals and certificates
Protection class acc. to
EN 61140
II
II
II
I
UL
UL 508 listed
UL 508 listed
UL 508 listed
UL/CSA 60950 recog-
nized (E213214), UL 508
listed (E219022)
UL 60950 - 1
UL 60950 - 1 recognized UL 60950 - 1 recognized UL 60950 - 1 recognized –
Class 2 Output (UL Lim-
ited Power Source, LPS)
EN 60950 - 1
EN 60950 - 1
EN 60950 - 1, UL 1310
–
GL (in preparation)
GL (Germanisher Llyod) classified, Enivronment category: C, EMC 2
Environment and installation
Ambient temperature
- 25 °C to + 70 °C device start at - 40 °C type-tested
Derating
- 3 % K > + 50 °C
- 3 % K > + 50 °C
- 3 % K > + 50 °C
- 5 %/K > + 60 °C
(196…264 V AC)
- 2.5 %/K > + 50 °C
(85…195 V AC)
Current rating at any
mounting position
Max. 0.7 A
Max. 2.4 A
Max. 2.4 A
–
Humidity (no conden-
sation)
5…96 %
5…96 %
5…96 %
5…96 %



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com