Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Single phase primary switched power supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

  8640 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Type 1573
7 | 9
Visit product website 
3.
Device/Process connections
Assignment
1
2
3
4
No. Element
1
DC Outputs (++--) and active ‘DC OK’ signal contact
2
LED Signalling ‘DC OK’
3
Setting of output voltage
4
AC Line input (L N) without earth1.)
1.) AC Line input (L N PE) for Article no. 772698
4.
Product installation
4.1. Installation notes
Note:
Always disconnect the equipment from the mains supply, before commencing installation or wiring.
Installation must be carried out according to the prevailing local conditions and safety regulations, national accident prevention
regulations and the generally accepted rules of technology. This equipment is a component designed for installation into electrical
systems and machines and fulfils the requirements of the low voltage guidelines (2006/95/EG).
The required minimum spacing to neighbouring components must be observed to guarantee the required cooling.
4.2. Assembly instruction
1
2
3
4
5
No. Element
1
Tilt the unit slightly rearwards
2
Fit the unit over top hat rail
3
Slide it downward until it hits the stop
4
Press against the bottom front side for locking (click)
5
Shake the unit slightly to check the locking action



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com