Electronic Components Datasheet Search
  English  ▼

X  

8012 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8012
Description  I/O modules IP65/ IP67/ IP69k
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8012 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8012 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Type ME64
3 | 11
Visit product website 
1.
General technical data
1.1. I/O-Module
Product properties
Dimensions
Detailed information can be found in chapter “2. Dimensions” on page 4.
Weight
400 g
Material
Body
PC (Polycarbonate)
Status display
RGB-LED based on NAMUR NE107, Status LEDs per channel
Approvals and Certificates
Approval
CE
EU conformity
UKCA
UK conformity
UL
cULus listed1.)
SPS
IEC 61131 - 2
EMC
EN 61000
Environment and installation
Ambient temperature
- 20 °C…+ 60 °C
Storage temperature
- 30 °C…+ 80 °C
Degree of protection
IP65, IP67 and IP69k acc. to EN 60529 / IEC 60529 (with cables connected and with
protective caps on unused connections)
Height above sea level
Max. 2000 m
1.) Available for version 1, in preparation for version 2
1.2. 16DI Module: digital input (DI)
Product properties
Operating voltage
24 V DC + 20 %/- 15 %
Power consumption of the module
4.12 W
Digital Input
Electric version
2-wire sensor, 3-wire sensor, mechanical limit switches
Diagnostics
Open circuit detection with 2-wire sensors, short-circuit detection with 3-wire sensors
Electrical connection
8x M12, A-coded, socket, 5 pin (X1-X8)
Switching threshold
V
OFF = 0…5 V
V
ON = 10…30 V
Input current for V
ON, typ. 24 V DC
Max. 5.7 mA per channel
Input type
Type1 and Type3 acc. to IEC 61132 - 2
Number of frequency inputs
Up to 4 (Version 1), 8 (Version 2)
Frequency input
Max. up to 2.5 kHz
Input impedance
> 4 kOhm
Sampling time/Sampling frequency
1 ms…4 s / 0.25 Hz…1 kHz
Max. sensor power supply
16x 125 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com