Electronic Components Datasheet Search
  English  ▼

X  

8012 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8012
Description  I/O modules IP65/ IP67/ IP69k
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8012 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8012 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Visit product website 
DATA SHEET
Type ME63
Industrial Ethernet gate-
way, IP65/ IP67/ IP69k
Type 8653
AirLINE Field - the valve
island optimised for
process automation
Type 8691
Control head for de-
centralised automation
of ELEMENT process
valves
Type 8012
Flowmeter with paddle
wheel for continuous
flow measurement
Type 8032
Flowmeter/Threshold
detector with paddle
wheel
Standard | EU | en | 202212 | 03
I/O modules IP65/ IP67/ IP69k
• Configurable I/O module for up to 16 digital input signals
• For use in environments requiring a high degree of protection
• Integrated diagnostic possibilities such as wire break, short circuit
detection
• M12 L-Power port for the additional power supply (up to 32 A) for
devices close to the process
• Up to four inputs can be used as frequency inputs
Bürkert I/O modules (In/Out) Type ME64 for extending the Industrial Ethernet
gateway Type ME63 are designed to capture the switching signals of various
sensors. The further processing of these input signals, e.g. by Ethernet pro-
tocol to a higher field level, is configured via the gateway. The 16DI module
(16 digital inputs) can be used for the feedback from switches (limit switches,
position switches, etc.). The captured signals are connected and transmitted
to the gateway via a CANopen-based bus. Together with valve island compo-
nents, such as Type 8653 AirLINE Field (pneumatic control of process valves)
or process valve controls such as Type 8691, ME64 can be used to capture
and evaluate feedback locally within waterproof environments. Via the central
configuration management of the gateway, Type ME64, as the client, can
be simply replaced with a new module, if required. Electronic modules Type
ME63 and Type ME64 are part of the Bürkert EDIP (Efficient Device Integra-
tion Platform) concept. They facilitate the integration of field level devices
(e.g. valves or sensors) in the higher control level. The modules complement
Bürkert EDIP systems.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type ME64
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8012

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8012 FILTRAN-8012 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
Sonardyne sound in dept...
8012 SONARDYNE-8012 Datasheet
116Kb / 2P
RovNav 5 LBL Transceiver
logo
Belden Inc.
8012 BELDEN-8012 Datasheet
152Kb / 2P
Bus Bar Wire, #14 Sol TC
05-05-2023
logo
Christian Bürkert GmbH ...
8012 BURKERT-8012 Datasheet
1Mb / 21P
Flowmeter with paddle wheel for continuous flow measure-ment
13.11.2023
logo
Sealevel Systems, Inc.
8012 SEALEVEL-8012 Datasheet
661Kb / 2P
Low Profile PCI 8 Reed Relay Output / 8 Isolated Input Digital Interface (3-13V)
More results

Similar Description - 8012

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
I/O Modules
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
I/O Modules
logo
Taoglas antenna solutio...
TLS.30.1F11 TAOGLAS-TLS.30.1F11 Datasheet
6Mb / 12P
IP67 and IP69K Waterproof
TLS.30.1F21 TAOGLAS-TLS.30.1F21 Datasheet
8Mb / 12P
IP67 and IP69K Waterproof
TLS.30.105111 TAOGLAS-TLS.30.105111 Datasheet
4Mb / 12P
IP67 and IP69K Waterproof
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
I/O modules
0.46_2021-08-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com