Electronic Components Datasheet Search
  English  ▼

X  

TFU002 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # TFU002
Description  Check valve for water and air
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

TFU002 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  TFU002 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Type TFU002
4 | 7
Visit product website 
1.3. Angle seat design
Product properties
Dimensions
Detailed information can be found in chapter “2. Dimensions” on page 4.
Materials
Body
Stainless steel 1.4408
Sealing
PTFE
Orifice
DN8…DN50
Medium data
Medium temperature
- 20 °C…max. + 200 °C
Performance data
Nominal pressure
Detailed information can be found in chapter “Stainless steel body, angle seat form” on
page 6.
Opening pressure1.)
0.8 bar
Environment and installation
Installation
Horizontal or vertical
1.) Pressure values: Overpressure with respect to atmospheric pressure
2.
Dimensions
Note:
The dimensions are listed in the chapter Ordering information:
• “Brass body, heavy design” on page 5
• “Brass body, light design” on page 5
• “Stainless steel body, angle seat design” on page 6
3.
Ordering information
3.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
3.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com