Electronic Components Datasheet Search
  English  ▼

X  

TFU002 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # TFU002
Description  Check valve for water and air
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

TFU002 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

  TFU002 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG TFU002 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Type TFU002
6 | 7
Visit product website 
Stainless steel body, angle seat design
L
DN
Port connection DIN 2999
H
L
Nominal pressure1.) Flow rate K
V
Article no.
[mm]
[mm]
[mm]
[bar]
8
R ¼
30.0
65.0
40
3.7
783305 
10
R ⅜
30.0
65.0
40
3.7
783306 
15
R ½
34.0
65.0
40
5.8
783307 
20
R ¾
39.0
75.0
40
8.6
783308 
25
R 1
42.0
90.0
40
13.8
783309 
32
R 1¼
50.0
110.0
40
20.2
783310 
40
R 1½
57.0
120.0
40
30.9
783311 
50
R 2
70.0
150.0
40
48.8
783312 
1.) Pressure values: Overpressure with respect to atmospheric pressure



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com