Electronic Components Datasheet Search
  English  ▼

X  

0127 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 0127
Description  Fittings for UNF connections with PTFE hose for analysis valves with UNF-1/4-28 connec-tion
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0127 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  0127 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Type TVU003
3 | 6
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “3. Dimensions” on page 4.
Materials
Basic screw connection
PEEK, PP, PPS
Clamping sleeve
ETFE (TEFZEL)
Valve connecting thread
UNF ¼…28
Hose outer diameter
1/16" (1.6 mm)
⅛" (3.2 mm)
Pressure for clamping sleeve1.)
Max. 131 bar
1.) The pressure was measured at + 20 °C with water. It refers only to the joint.
2.
Product versions
Version type 1013-AA 05 with 1/16" tube
Basic screw connection: PP and PEEK
Version type 1013-AA 05 with 1/16" tube
Basic screw connection: PPS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com