Electronic Components Datasheet Search
  English  ▼

X  

0127 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 0127
Description  Fittings for UNF connections with PTFE hose for analysis valves with UNF-1/4-28 connec-tion
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0127 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  0127 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Type TVU003
4 | 6
Visit product website 
3.
Dimensions
3.1. Straight basic screw connections with UNF ¼…28 thread
Note:
Dimensions in mm
Mounting instruction:
Only tighten the basic screw connection by hand, never squeeze it. The clamping sleeve forms a reliable seal with the hose without
further use of material.
Version PP and PEEK; for 1/16" and ⅛" hose outer diameter
DE: Gewinde UNF ¼-28
EN: Thread UNF ¼-28
9.4
Version PPS, for 1/16" and ⅛" hose outside diameter
DE: Gewinde UNF ¼-28
EN: Thread UNF ¼-28
6.4
Clamping sleeve for hose outer diameter 1/16", color blue
4.6
Clamping sleeve for hose outer diameter ⅛", colour yellow
4.8
4.
Product design and assembly
4.1. Product features
DE: Schlauch
EN: Tube
DE: Grundverschraubung
EN: Basic screw connection
DE: Gewinde UNF ¼-28
EN: Thread UNF ¼-28
DE: Klemmhülse
EN: Clamping sleeve
Basic screw connection
Clamping sleeve
Tube
UNF connection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com