Electronic Components Datasheet Search
  English  ▼

X  

5AP Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 5AP
Description  MOTOR PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

5AP Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  5AP Datasheet HTML 1Page - Sensata Technologies, Inc. 5AP Datasheet HTML 2Page - Sensata Technologies, Inc. 5AP Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| 5AP
MOTOR PROTECTOR
As a world leader in automotive motor protection, Sensata Technologies has developed the smallest bimetal based protection available at the market today,
the 5AP. The 5AP is developed to operate in wide temperature and current ranges, while providing consistent performance characteristics and excellent
reliability. CAD-based design techniques combined with 6-Sigma supported manufacturing lines and the best quality control systems give this product
maximum safety and reliability. The 5AP operates as a sensi- tive power cut-out which is widely used in Window-Lifts, Adjuster-Motors, Door- Locks and
various other applications. One protector series covers a broad range of applications, thus providing the flexibility to customize a particular rating based
on the specific requirements of universal applications. But let’s find out what really makes the 5AP perform its job as it does: the Sensata Klixon® control.
The Klixon® disc is made of a combination of different metals with a predetermined calibration point. When heated, one of
the metals expands more than the other, causing the disc to snap. As a world leader in bimetal technology and bimetal-based
devices, Sensata Technologies has set its goals of constant improvement and maximum reliability during years of operation
and thousands of cycles.
The 5AP is manufactured on fully automatic equipment, custom designed to meet the various requirements of today’s
automotive industry. As a world leader in automotive motor protection, Sensata Technologies has developed the smallest
bimetal based protection available at the market today, the 5AP. The 5AP is developed to operate in wide temperature and
current ranges, while providing consistent performance characteristics and excellent reliability. CAD-based design techniques
combined with 6-Sigma supported manufacturing lines and the best quality control systems give this product maximum safety
and reliability. The 5AP operates as a sensitive power cut-out which is widely used in Window-Lifts, Adjuster-Motors, Door-
Locks and various other applications. One protector series covers a broad range of applications, thus providing the flexibility to
customize a particular rating based on the specific requirements of universal applications.
Klixon® snap-action controls
Design and operating principles
Introduction
Key Benefits
• Thermal motor protection reacting to both current and temperature
• Wide variety of standard thermal configurations
• Terminal materal provides trouble-free welding
• Eligible for customer partnumber printed on product as well as col-
or-coding
• Varying of both bimetal and S-wire resistivity creates a current-time
characteristic optimized for each specific application
• Unique combination of bimetal disc and resistivity wire guarantees very
precise tripping times thus prevents too high motor temperature
• Protector selection and application testing by Sensata Technologies
laboratory with results in extended report at your service


Similar Part No. - 5AP

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
5APF/BM CLIFF-5APF/BM Datasheet
156Kb / 1P
BLACK METAL XLR PLUG (FEMALE) xAPF/BM
11/05/18 ISSUED 1
More results

Similar Description - 5AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
Schurter Inc.
AS168X SCHURTER-AS168X Datasheet
203Kb / 9P
MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
logo
Schneider Electric
PJL36060M68 SCHNEIDER-PJL36060M68 Datasheet
138Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 600A
Oct 29, 2020
PJL36080M68 SCHNEIDER-PJL36080M68 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 800A
Oct 29, 2020
PJL36100M69 SCHNEIDER-PJL36100M69 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 1000A
Oct 29, 2020
PJL36120M70 SCHNEIDER-PJL36120M70 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 1200A
Oct 29, 2020
LHL26000M SCHNEIDER-LHL26000M Datasheet
118Kb / 2P
LHL MOTOR CIRCUIT PROTECTOR, 600VAC, 400A, 3P
Nov 23, 2020
LHL36000M SCHNEIDER-LHL36000M Datasheet
135Kb / 2P
LHL MOTOR CIRCUIT PROTECTOR, 600VAC, 400A, 3P
Nov 23, 2020
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
logo
Eaton All Rights Reserv...
HMCP150U4C EATON-HMCP150U4C Datasheet
90Kb / 1P
Eaton Series C motor circuit protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com