Electronic Components Datasheet Search
  English  ▼

X  

5AP Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 5AP
Description  MOTOR PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

5AP Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  5AP Datasheet HTML 1Page - Sensata Technologies, Inc. 5AP Datasheet HTML 2Page - Sensata Technologies, Inc. 5AP Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
SPECIFICATIONS
STANDARD TERMINAL CONFIGURATIONS
Standard Operating Temperature Range
from 100°C - 170°C (Increments 5K)
Tolerance on Open Temperature
± 5K
Peak Temperature (5 min)
200°C
Max. Ambient Temperature
T-open +20°C
Time Check at T-ambient 25°C
4 to 10 seconds
Maximum Contact Rating
15 Vdc / 27A / 30,000 cycles
7.9
17.7
4.7
2.8
6
6
7.9
23.7
(Include cut
-
off tab)
3.25
2.9
0.25
0.35
6 3.25
3.25
2.8
A
AA
J
JJ
N
NN
R
RR
6
17.7(Include cut
-
off tab)
3.25
7.92
.9
0.25
0.35
4
4
5.9
23.7
6 3.25
6
3.2
5
7.9
Just provide us with your specifications concerning specific current and temperaturerise conditions and we will select a matching 5AP motor protector and
provide you with samples. But we do more than that. A skilled staff is available to perform application testing and protector selection in a well equipped
laboratory with sophisticated, state-of-the-art equipment, located at each region. In close cooperation with the customer we develop the optimum solution,
providing the lowest cost of ownership and thus increasing your competitive advantage. If motor testing and assembly are required on a larger scale, pilot
series for your verification will be supplied within a very short cycle time. With design cycles becoming shorter and shorter, you can expect our prompt reply.
If you wish to select your own ratings we have a software tool available to assist you in making the right selection.
5AP production facility is located in Asia.
Serving the customer



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com