Electronic Components Datasheet Search
  English  ▼

X  

6AP Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 6AP
Description  MOTOR PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

6AP Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  6AP Datasheet HTML 1Page - Sensata Technologies, Inc. 6AP Datasheet HTML 2Page - Sensata Technologies, Inc. 6AP Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
|6AP
MOTOR PROTECTOR
Klixon® Snap-Action Controls
Introduction
Design and Operating Principles
Serving the Customer
The Klixon® disc is made of a combination of different metals with
a predetermined calibration point. When heated, one of the metals
expands more than the other, causing the disc to snap. As a world leader
in bimetal technology and bimetal-based devices, Sensata Technologies
has set its goals of constant improvement and maximum reliability
during years of operation and thousands of cycles. These high quality
standards also explain the impressive production of several hundreds of
millions of Sensata Klixon® controls annually.
As a world leader in automotive motor protection, Sensata Technologies has developed the 6AP to operate in wide temperature and current ranges,
while providing consistent performance characteristics and excellent reliability. CAD-based design techniques combined with 6-Sigma supported
manufacturing lines and the best quality control systems give this product maximum safety and reliability. The 6AP operates as a sensitive power cut-
out which is widely used in Window-Lifts, Adjuster-Motors, Wipers, Door-Locks and various other applications. One protector series covers a broad
range of applications, thus providing the flexibility to customize a particular rating based on the specific requirements of universal applications.
The 6AP is manufactured on fully automatic equipment, custom-designed to meet the various requirements of today’s automotive industry. The compact 6AP
metal housing with integrated terminal holds the pre-set Klixon® snap-action bimetal disc. The split plate carries a resistive S-shaped wire which provides
additional current sensitivity. The advanced contact system - one on the bimetal disc and one on the plate - in combination with the strong disc guarantees a
long life and reliable cycling. The operating principle of the 6AP is both simple and effective. The protector is actuated by current passing through and by heat
received from the ambient temperature. The electrical circuit is interrupted when the disc reaches its preset temperature. As the device cools down to a safe
temperature again, the contacts automatically reset. Each 6AP temperature rating has a bimetal disc specifically manufactured for that rating. Each device is
calibrated and checked for opening-temperature. This results in optimum characteristics and consistent performance over the required life.
Just provide us with your specifications concerning specific current and temperature rise conditions and we will select a matching 6AP motor protector and
provide you with samples. But we do more than that. A skilled staff is available to perform application testing and protector selection in a well-equipped
laboratory with sophisticated, state-of-the-art equipment. In close cooperation with the customer we develop the optimum solution, providing the lowest cost
of ownership and thus increasing your competitive advantage. If motor testing and assembly are required on a larger scale, pilot series for your verification will
be supplied within a very short cycle time. With design cycles becoming shorter and shorter, you can expect our prompt reply. If you wish to select your own
ratings we have a software tool available to assist you in making the right selection.


Similar Description - 6AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
Schurter Inc.
AS168X SCHURTER-AS168X Datasheet
203Kb / 9P
MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
logo
Schneider Electric
PJL36060M68 SCHNEIDER-PJL36060M68 Datasheet
138Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 600A
Oct 29, 2020
PJL36080M68 SCHNEIDER-PJL36080M68 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 800A
Oct 29, 2020
PJL36100M69 SCHNEIDER-PJL36100M69 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 1000A
Oct 29, 2020
PJL36120M70 SCHNEIDER-PJL36120M70 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 1200A
Oct 29, 2020
LHL26000M SCHNEIDER-LHL26000M Datasheet
118Kb / 2P
LHL MOTOR CIRCUIT PROTECTOR, 600VAC, 400A, 3P
Nov 23, 2020
LHL36000M SCHNEIDER-LHL36000M Datasheet
135Kb / 2P
LHL MOTOR CIRCUIT PROTECTOR, 600VAC, 400A, 3P
Nov 23, 2020
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
logo
Eaton All Rights Reserv...
HMCP150U4C EATON-HMCP150U4C Datasheet
90Kb / 1P
Eaton Series C motor circuit protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com