Electronic Components Datasheet Search
  English  ▼

X  

6AP Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 6AP
Description  MOTOR PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

6AP Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  6AP Datasheet HTML 1Page - Sensata Technologies, Inc. 6AP Datasheet HTML 2Page - Sensata Technologies, Inc. 6AP Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
SPECIFICATIONS
Standard Operating Temperature Range
From 100°C - 170°C (Increments 5K)
Tolerance on Open Temperature
±5K
Peak Temerature (5 Min)
200°C
Max. Ambient Temperature
T-Open +20°C
Time Check at T-Ambient 25°C
4 to 10 Seconds Depending on Current Level
15 Vdc
30A
30.000 Cycles
30 Vdc
15A
30.000 Cycles
Curves
Maximum Contact Rating
The curves of First Cycle Tripping time and Ultimate trip current are meant to be for selecting samples to perform verification tests only. In the figures two
curves of a wide range of possibilities are shown. The level and slope can be varied by making an other selection for the pre-set temperature, bimetal disc
and/or heater.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com