Electronic Components Datasheet Search
  English  ▼

X  

B1709 Datasheet(PDF) 4 Page - EPCOS

Part # B1709
Description  SAW IF filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1709 Datasheet(HTML) 4 Page - EPCOS

  B1709 Datasheet HTML 1Page - EPCOS B1709 Datasheet HTML 2Page - EPCOS B1709 Datasheet HTML 3Page - EPCOS B1709 Datasheet HTML 4Page - EPCOS B1709 Datasheet HTML 5Page - EPCOS B1709 Datasheet HTML 6Page - EPCOS B1709 Datasheet HTML 7Page - EPCOS B1709 Datasheet HTML 8Page - EPCOS B1709 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
May 16, 2006
B1709
80.46 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network1) ((based on four port measurement, quality factors QL = 40, QC = 90)
1) The input matching circuit has been designed as a power match of the filter’s input port to 175
Ω. In a second step
it has been optimized in a narrow range in order to operate at 27
Ω with optimum filter performance.
Cs1 = 7.5 pF
Lp2 = 240 nH
Ls3 = 200 nH
Cp4 = 15 pF
Cs1
Cs1
Lp2
Cp4
Ls3
Ls3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com