Electronic Components Datasheet Search
  English  ▼

X  

B1709 Datasheet(PDF) 6 Page - EPCOS

Part # B1709
Description  SAW IF filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1709 Datasheet(HTML) 6 Page - EPCOS

Back Button B1709 Datasheet HTML 2Page - EPCOS B1709 Datasheet HTML 3Page - EPCOS B1709 Datasheet HTML 4Page - EPCOS B1709 Datasheet HTML 5Page - EPCOS B1709 Datasheet HTML 6Page - EPCOS B1709 Datasheet HTML 7Page - EPCOS B1709 Datasheet HTML 8Page - EPCOS B1709 Datasheet HTML 9Page - EPCOS B1709 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
May 16, 2006
B1709
80.46 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω (single ended) and matching network
Terminating load impedance:
ZL = 50 Ω (single ended) and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
80.46
—
MHz
Minimum insertion attenuation1)
1) Including losses in the matching network
α
min
—
15.3
16.8
dB
Amplitude ripple (p-p)
∆α
fN ± 1.84 MHz
—
1.1
1.5
dB
Pass bandwidth
α
rel ≤ 1.5 dB
B1.5dB
—
4.3
—
MHz
α
rel ≤ 3 dB
B3dB
—
4.6
—
MHz
α
rel ≤ 15 dB
B15dB
—
5.5
6.0
MHz
α
rel ≤ 30 dB
B30dB
—
6.2
6.6
MHz
Mean attenuation (relative to
α
min)
α
rel
Upper sidelobe 86.47 ...
91.53 MHz
46.0
48.0
—
dB
Relative attenuation (relative to
α
min)
α
rel
Lower sidelobe 55.00 ...
67.00 MHz
44.0
48.0
—
dB
67.00 ...
75.99 MHz
34.0
37.0
—
dB
Upper sidelobe 85.21 ...
86.47 MHz
37.0
42.0
—
dB
86.47 ...
91.53 MHz
40.0
44.0
—
dB
91.53 ...
95.21 MHz
44.0
47.0
—
dB
95.21 ...
105.00 MHz
45.0
48.0
—
dB
Group delay ripple (p–p)
∆τ
Aperture 50 kHz
fN ± 1.84 MHz
—
180
—
ns
Temperature coefficient of frequency
TCf
—
–18
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com