Electronic Components Datasheet Search
  English  ▼

X  

SFH7050A Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH7050A
Description  BIOFY® Biomonitoring Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7050A Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH7050A Datasheet HTML 4Page - OSRAM GmbH SFH7050A Datasheet HTML 5Page - OSRAM GmbH SFH7050A Datasheet HTML 6Page - OSRAM GmbH SFH7050A Datasheet HTML 7Page - OSRAM GmbH SFH7050A Datasheet HTML 8Page - OSRAM GmbH SFH7050A Datasheet HTML 9Page - OSRAM GmbH SFH7050A Datasheet HTML 10Page - OSRAM GmbH SFH7050A Datasheet HTML 11Page - OSRAM GmbH SFH7050A Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SFH 7050A
DATASHEET
DATASHEET
8 | Version 1.1 | 2022-06-20
Characteristics
TA = 25 °C
Parameter
Symbol
Values
Red Emitter
Peak wavelength
IF = 20 mA; tp = 20 ms
λpeak
typ.
660 nm
Centroid Wavelength 6)
IF = 20 mA; tp = 20 ms
λcentroid
min.
typ.
max.
652 nm
655 nm
658 nm
Spectral bandwidth at 50% Irel,max (FWHM)
IF = 20 mA; tp = 20 ms
Δλ
typ.
17 nm
Half angle
φ
typ.
± 60 °
Rise time (10%/ 90%)
IF = 100 mA; RL = 50 Ω
tr
typ.
24 ns
Fall time (10%/ 90%)
IF = 100 mA; RL = 50 Ω
tf
typ.
24 ns
Forward voltage 8)
IF = 20 mA; tp = 20 ms
VF
min.
typ.
max.
1.7 V
1.9 V
2.2 V
Reverse current
VR = 12 V
IR
not designed for
reverse operation
Radiant intensity
IF = 20 mA; tp = 20 ms
Ie
typ.
2.9 mW / sr
Total radiant flux
IF = 20 mA; tp = 20 ms
Φe
typ.
7.3 mW
Temperature coefficient of wavelength
IF = 20 mA; tp = 20 ms
TCλ
typ.
0.13 nm / K
Thermal resistance junction ambient real
Rthja
max.
320 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com