Electronic Components Datasheet Search
  English  ▼

X  

SFH7050A Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH7050A
Description  BIOFY® Biomonitoring Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7050A Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH7050A Datasheet HTML 6Page - OSRAM GmbH SFH7050A Datasheet HTML 7Page - OSRAM GmbH SFH7050A Datasheet HTML 8Page - OSRAM GmbH SFH7050A Datasheet HTML 9Page - OSRAM GmbH SFH7050A Datasheet HTML 10Page - OSRAM GmbH SFH7050A Datasheet HTML 11Page - OSRAM GmbH SFH7050A Datasheet HTML 12Page - OSRAM GmbH SFH7050A Datasheet HTML 13Page - OSRAM GmbH SFH7050A Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SFH 7050A
DATASHEET
DATASHEET
10 | Version 1.1 | 2022-06-20
Characteristics
TA = 25 °C
Parameter
Symbol
Values
Broadband Photodiode
Wavelength of max. sensitivity
λS max
typ.
900 nm
Spectral range of sensitivity
λ10%
typ.
400 … 1100 nm
Photocurrent
Ee = 0.1 mW/cm2; λ = 530 nm; VR = 5 V
IP
typ.
0.5 µA
Photocurrent
Ee = 0.1 mW/cm2; λ = 655 nm; VR = 5 V
IP
typ.
0.75 µA
Photocurrent
Ee = 0.1 mW/cm2; λ = 940 nm; VR = 5 V
IP
typ.
1.22 µA
Radiant sensitive area
A
typ.
1.51 mm2
Dimensions of active chip area
L x W
typ.
1.23 x 1.23
mm x mm
Dark current
VR = 5 V; E = 0
IR
typ.
max.
0.1 nA
25 nA
Spectral sensitivity of the chip
λ
= 535nm
Sλ
typ.
0.34 A / W
Open-circuit voltage
Ee = 0.1 mW/cm2; λ = 530nm
VO
typ.
510 mV
Rise time (10%/ 90%)
VR = 5 V; RL = 50 Ω; λ = 535 nm
tr
typ.
47 ns
Fall time (10%/ 90%)
VR = 5 V; RL = 50 Ω; λ = 535 nm
tf
typ.
67 ns
Forward voltage
IF = 10 mA; E = 0
VF
typ..
0.95 V
Capacitance
VR = 0 V; f = 1 MHz; E = 0
C0
typ.
13.4 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com