Electronic Components Datasheet Search
  English  ▼

X  

SFH7074 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH7074
Description  BIOFY® Biomonitoring Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7074 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH7074 Datasheet HTML 4Page - OSRAM GmbH SFH7074 Datasheet HTML 5Page - OSRAM GmbH SFH7074 Datasheet HTML 6Page - OSRAM GmbH SFH7074 Datasheet HTML 7Page - OSRAM GmbH SFH7074 Datasheet HTML 8Page - OSRAM GmbH SFH7074 Datasheet HTML 9Page - OSRAM GmbH SFH7074 Datasheet HTML 10Page - OSRAM GmbH SFH7074 Datasheet HTML 11Page - OSRAM GmbH SFH7074 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
SFH 7074
DATASHEET
DATASHEET
8 | Version 1.1 | 2023-05-22
Characteristics
TA = 25 °C
Parameter
Symbol
Values
Broadband Photodiode
Wavelength of max. sensitivity
λS max
typ.
940 nm
Spectral range of sensitivity
λ10%
typ.
400 … 1100 nm
Photocurrent 9)
Ee = 0.1 mW/cm2;
λ = 530 nm; VR = 5 V
IP
min.
typ.
max.
0.88 µA
1.1 µA
1.45 µA
Photocurrent
Ee = 0.1 mW/cm2;
λ = 655 nm; VR = 5 V
IP
typ.
1.6 µA
Photocurrent
Ee = 0.1 mW/cm2;
λ = 940 nm; VR = 5 V
IP
typ.
2.3 µA
Radiant sensitive area
A
typ.
3.27 mm2
Half angle
φ
typ.
± 60 °
Dark current
VR = 5 V; E = 0
IR
typ.
max.
0.1 nA
5 nA
Open-circuit voltage
Ee = 0.1 mW/cm2;
λ = 530nm
VO
typ.
280 mV
Open-circuit voltage
Ee = 0.1 mW/cm2;
λ = 655nm
VO
typ.
270 mV
Open-circuit voltage
Ee = 0.1 mW/cm2;
λ = 940nm
VO
typ.
280 mV
Short-circuit current
Ee = 0.1 mW/cm2;
λ = 530nm
ISC
typ.
1.2 µA
Short-circuit current
Ee = 0.1 mW/cm2;
λ = 655nm
ISC
typ.
1.6 µA
Short-circuit current
Ee = 0.1 mW/cm2;
λ = 940nm
ISC
typ.
2.2 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com