Electronic Components Datasheet Search
  English  ▼

X  

SFH7074 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # SFH7074
Description  BIOFY® Biomonitoring Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7074 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button SFH7074 Datasheet HTML 24Page - OSRAM GmbH SFH7074 Datasheet HTML 25Page - OSRAM GmbH SFH7074 Datasheet HTML 26Page - OSRAM GmbH SFH7074 Datasheet HTML 27Page - OSRAM GmbH SFH7074 Datasheet HTML 28Page - OSRAM GmbH SFH7074 Datasheet HTML 29Page - OSRAM GmbH SFH7074 Datasheet HTML 30Page - OSRAM GmbH SFH7074 Datasheet HTML 31Page - OSRAM GmbH SFH7074 Datasheet HTML 32Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
SFH 7074
DATASHEET
DATASHEET
30 | Version 1.1 | 2023-05-22
Glossary
1)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devices, the
typical data or calculated correlations of technical parameters can only reflect statistical figures. These do not
necessarily correspond to the actual parameters of each single product, which could differ from the typical data
and calculated correlations or the typical characteristic line. If requested, e.g. because of technical improvements,
these typ. data will be changed without any further notice.
2)
Testing temperature: TA = 25°C (unless otherwise specified)
3)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and dimensions are
specified in mm.
4)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.
5)
Reverse Operation: This product is intended to be operated applying a forward current within the specified range.
Applying any continuous reverse bias or forward bias below the voltage range of light emission shall be avoided
because it may cause migration which can change the electro-optical characteristics or damage the LED.
6)
Wavelength: The wavelengths are measured with a tolerance of ±1 nm.
7)
Forward Voltage: The forward voltages are measured with a tolerance of ±0.1 V.
8)
Brightness: The brightness values are measured with a tolerance of ±11%.
9)
Photocurrent: The photocurrent values are measured (by irradiating the devices with a homogenous light source
and applying a voltage to the device) with a tolerance of ±11 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com