Electronic Components Datasheet Search
  English  ▼

X  

TCS3200 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TCS3200
Description  Programmable Color Light-to-Frequency Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3200 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TCS3200 Datasheet HTML 7Page - OSRAM GmbH TCS3200 Datasheet HTML 8Page - OSRAM GmbH TCS3200 Datasheet HTML 9Page - OSRAM GmbH TCS3200 Datasheet HTML 10Page - OSRAM GmbH TCS3200 Datasheet HTML 11Page - OSRAM GmbH TCS3200 Datasheet HTML 12Page - OSRAM GmbH TCS3200 Datasheet HTML 13Page - OSRAM GmbH TCS3200 Datasheet HTML 14Page - OSRAM GmbH TCS3200 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3200 − Typical Operating Characteristics
Figure 12:
IDD vs. VDD vs. Temperature
Figure 13:
Normalized Output vs. VDD
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.45
1.5
1
1.55
0
25
50
75
100
TA − Free-Air Temperature − °C
Saturated
VDD = 5 V
Saturated
VDD = 3 V
Dark
VDD = 3 V
Dark
VDD = 5 V
VDD − V
2.5
3
3.5
4
4.5
5
99.4
99.6
99.8
100
100.2
100.4
100.6
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com