Electronic Components Datasheet Search
  English  ▼

X  

TCS3200 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TCS3200
Description  Programmable Color Light-to-Frequency Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3200 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TCS3200 Datasheet HTML 14Page - OSRAM GmbH TCS3200 Datasheet HTML 15Page - OSRAM GmbH TCS3200 Datasheet HTML 16Page - OSRAM GmbH TCS3200 Datasheet HTML 17Page - OSRAM GmbH TCS3200 Datasheet HTML 18Page - OSRAM GmbH TCS3200 Datasheet HTML 19Page - OSRAM GmbH TCS3200 Datasheet HTML 20Page - OSRAM GmbH TCS3200 Datasheet HTML 21Page - OSRAM GmbH TCS3200 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ams Datasheet
Page 17
[v1-01] 2018-Mar-14
Document Feedback
TCS3200 − Manufacturing Information
The Plastic Small Outline IC package (D) has been tested and
has demonstrated an ability to be reflow soldered to a PCB
substrate.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The component should be limited to a maximum
of three passes through this solder reflow profile.
Figure 18:
TCS3200 Solder Reflow Profile
Figure 19:
TCS3200 Solder Reflow Profile Graph
Parameter
Reference
TCS32x0
Average temperature gradient in preheating
2.5°C/s
Soak time
tsoak
2 to 3 minutes
Time above 217°C
t1
Max 60 s
Time above 230°C
t2
Max 50 s
Time above Tpeak - 10°C
t3
Max 10 s
Peak temperature in reflow
Tpeak
260°C (-0°C/5°C)
Temperature gradient in cooling
Max -5°C/s
Manufacturing Information
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference only
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com