Electronic Components Datasheet Search
  English  ▼

X  

TCS3400 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TCS3400
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3400 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TCS3400 Datasheet HTML 8Page - OSRAM GmbH TCS3400 Datasheet HTML 9Page - OSRAM GmbH TCS3400 Datasheet HTML 10Page - OSRAM GmbH TCS3400 Datasheet HTML 11Page - OSRAM GmbH TCS3400 Datasheet HTML 12Page - OSRAM GmbH TCS3400 Datasheet HTML 13Page - OSRAM GmbH TCS3400 Datasheet HTML 14Page - OSRAM GmbH TCS3400 Datasheet HTML 15Page - OSRAM GmbH TCS3400 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Datasheet, Public
Page 11
[v2-00] 2023-Feb-09
Document Feedback
TCS3400 − Typical Operating Characteristics
Figure 16:
Normalized Responsivity vs. Angular Displacement
Figure 17:
Responsivity Temperature Coefficient
Wavelength
Temperature Coefficient
400 – 670nm
250 ppm/°C
850nm
2500 ppm/°C
950nm
5500 ppm/°C
Θ - Angular Displacement - °



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com