Electronic Components Datasheet Search
  English  ▼

X  

TCS3400 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TCS3400
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3400 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TCS3400 Datasheet HTML 20Page - OSRAM GmbH TCS3400 Datasheet HTML 21Page - OSRAM GmbH TCS3400 Datasheet HTML 22Page - OSRAM GmbH TCS3400 Datasheet HTML 23Page - OSRAM GmbH TCS3400 Datasheet HTML 24Page - OSRAM GmbH TCS3400 Datasheet HTML 25Page - OSRAM GmbH TCS3400 Datasheet HTML 26Page - OSRAM GmbH TCS3400 Datasheet HTML 27Page - OSRAM GmbH TCS3400 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Datasheet, Public
Page 23
[v2-00] 2023-Feb-09
Document Feedback
TCS3400 − Power Supply Considerations
Place a 1-μF low-ESR decoupling capacitor as close as possible
to the VDD pin.
Figure 34:
Typical Application Hardware Circuit
VBUS in the above figures refers to the I²C bus voltage which is
either VDD or 1.8V. Be sure to apply the specified I²C bus voltage
shown in the Ordering & Contact Information for the specific
device being used.
The I²C signals and the Interrupt are open-drain outputs and
require pull-up resistors. The pull-up resistor (RP) value is a
function of the I²C bus speed, the I²C bus voltage, and the
capacitive load. The ams OSRAM EVM running at 400 kbit/s, uses
1.5-kΩ resistors. A 10-kΩ pull-up resistor (RPI) can be used for
the interrupt line.
Power Supply Considerations
TCS3400
VDD
1 µF
VBUS
GND
I/C
INT
SCL
SDA
RP
RP
RPI
Voltage
Regulator
Cap sized
per
regulator
specs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com