Electronic Components Datasheet Search
  English  ▼

X  

TCS37073 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # TCS37073
Description  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37073 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button TCS37073 Datasheet HTML 41Page - OSRAM GmbH TCS37073 Datasheet HTML 42Page - OSRAM GmbH TCS37073 Datasheet HTML 43Page - OSRAM GmbH TCS37073 Datasheet HTML 44Page - OSRAM GmbH TCS37073 Datasheet HTML 45Page - OSRAM GmbH TCS37073 Datasheet HTML 46Page - OSRAM GmbH TCS37073 Datasheet HTML 47Page - OSRAM GmbH TCS37073 Datasheet HTML 48Page - OSRAM GmbH TCS37073 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
Page 44
ams Datasheet, Confidential
Document Feedback
[v1-05] 2019-May-13
TCS3707 − Register O ver view
Figure 52:
CFG11
Note(s):
1. Return to the Register Map (0xB4).
Addr: 0xB4
CFG11
Bit
Field
Reset
Type
Bit Description
7AINT_DIRECT
0
R/W
ALS Interrupt Direct. Enables the direct mode of
ALS interrupt. Interrupts (aint) are only generated
when adataX (selected by als_th_channel) moves
over the hysteresis edges (aint_ailt and aint_aiht). If
"0", interrupts are always generated if adataX is
above aiht or below ailt. The status of the ALS
interrupt is directly output on the INT or GPIO pin if
this mode is enabled and either of those pins are
configured to do so according to the INT_PINMAP
and GPIO_PINMAP settings.
6PINT_DIRECT
1
R/W
Proximity Interrupt Direct. If asserted, the
proximity interrupt has a hysteresis loop built into
the interrupt. After setting PEN = 1, the device
interrupts once PDATA is below PILT or above PIHT.
After this initial interrupt, the device will then
interrupt based on the direction that the PDATA
changes relative to each threshold. An interrupt is
generated when PDATA increases from below to
above PIHT to indicate a Detect condition, and an
interrupt is generated when PDATA decreases from
above to below PILT to indicate a Release condition.
With built-in hysteresis, it is no longer necessary to
change the thresholds between Detect or Release
interrupts. This bit applies to PINT0 and PINT1 by
using PDATA0 and PDATA1 respectively, as well as
the respective thresholds.
5:0
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com