Electronic Components Datasheet Search
  English  ▼

X  

TCS37073 Datasheet(PDF) 46 Page - OSRAM GmbH

Part # TCS37073
Description  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37073 Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button TCS37073 Datasheet HTML 42Page - OSRAM GmbH TCS37073 Datasheet HTML 43Page - OSRAM GmbH TCS37073 Datasheet HTML 44Page - OSRAM GmbH TCS37073 Datasheet HTML 45Page - OSRAM GmbH TCS37073 Datasheet HTML 46Page - OSRAM GmbH TCS37073 Datasheet HTML 47Page - OSRAM GmbH TCS37073 Datasheet HTML 48Page - OSRAM GmbH TCS37073 Datasheet HTML 49Page - OSRAM GmbH TCS37073 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
ams Datasheet, Confidential
Page 45
[v1-05] 2019-May-13
Document Feedback
TCS3707 − Register Overview
Persistence filters limit the rate of interrupts generated for
proximity and ALS/color data.
Figure 53:
PERS
Note(s):
1. Return to the Register Map (0xBD).
Addr: 0xBD
PERS
Bit
Field
Reset
Type
Bit Description
7:4
PPERS
0
R/W
Proximity Interrupt Persistence. Defines a filter for the number of
consecutive occurrences that PDATA must remain outside the
threshold range between PILT and PIHT before an interrupt is
generated. Any sample that is inside the threshold range resets the
counter to 0.
VALUE
CONSECUTIVE PDATA OUT OF RANGE TO INTERRUPT
0
Every proximity cycle generates an interrupt.
11
22
…PPERS
15
15
3:0
APERS
0
R/W
ALS Interrupt Persistence. Defines a filter for the number of
consecutive occurrences that ALS/color data must remain outside
the threshold range between AILT and AIHT before an interrupt is
generated. The ALS data channel used for the persistence filter is set
by ALS_TH_CHANNEL. Any sample that is inside the threshold range
resets the counter to 0.
VALUE
CONSECUTIVE ADATA OUT OF RANGE TO INTERRUPT
0
Every ALS cycle generates an interrupt.
11
22
33
45
510
…5
× (APERS – 3)
14
55
15
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com