Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 6014
Description  Pneumatically operated 3/2-way seat valve CLASSIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6014 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  6014 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 2006
3 | 14
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “5. Dimensions” on page 8.
Material
Body
Stainless steel 316L
Actuator
PA (PPS on request)
Seal
PTFE
Packing gland (with silicone grease)
PTFE V­rings with spring compensation
Nominal diameter (port connection)
DN 15…50
Performance data
Nominal pressure
PN 16 (body)
Pilot pressure
Max 10 bar(g)
7 bar(g) with actuator size Ø 125
Medium data
Medium
Steam, water, neutral gases, alcohols, oils, fuels, hydraulic fluids, salt solutions, alkalis, organic
solvents, oxygen and fuel gases of families I, II and III in accordance with the Gas Appliances
Regulation (EU) 2016/426
Medium temperature
- 10…+ 180 °C
Viscosity
Max. 600 mm2/s
Control medium
Air, neutral gases
Process/Port connection & communication
Port connection
Threaded connection
G (DIN ISO 228 - 1)
NPT (ASME B1.20.1)
(Rc on request)
Approvals and conformities
Further information can be found in chapter “3. Approvals and conformities” on page 5.
Material certificate
2.2, 3.1
Environment and installation
Ambient temperature
PA actuator
- 10…+ 60 °C
PPS actuator
Actuator size Ø 50 (D)…80 (F) mm
+ 5…+ 140 °C
Actuator size Ø 125 (H) mm
+ 5…+ 90 °C (short-term…+ 140 °C)
Installation position
As required, preferably with actuator in upright position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com