Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 6014
Description  Pneumatically operated 3/2-way seat valve CLASSIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6014 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 6014 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Type 2006
7 | 14
Visit product website 
4.
Materials
4.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
4.2. Material specifications
1
2
3
4
5
6
7
8
6
9
10
14
11
12
13
15
No.
Element
Material
1
Transparent cap
Polycarbonate (PC)
(with PPS actuator: PSU)
2
O­Ring
FKM
3
Actuator
Polyamide (PPS)
4
Pilot air ports G ¼
Stainless steel 1.4305
5
Piston seal
NBR (with PPS actuator: FKM)
6
Spindle seal
PTFE
7
Pipe 1.)
Stainless steel 1.4401 / 316
Stainless steel 1.4404 / 316L 2.)
8
Spring
Stainless steel 1.4310
9
Nipple 1.)
Stainless steel 1.4401 / 316
Stainless steel 1.4404 / 316L 2.)
10
Wiper
PTFE
PEEK 3.)
11
Valve body
Stainless steel 1.4404 / 316L
12
Spindle
Stainless steel 1.4404 / 316L
13
Seal holder
Stainless steel 1.4404 / 316L
14
Seat seal
PTFE
15
Seat nipple
Stainless steel 1.4404 / 316L
1.) In one piece for the actuator size 63 mm to 125 mm
2.) For actuator size 63 mm to 125 mm
3.) For actuator size 125 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com